Part Number Hot Search : 
85T03GJ 05S12 SST25W SL614 KIA78R MAX1962 GR3A2AZA ASSERIES
Product Description
Full Text Search
 

To Download IDT74FCT621ATSOG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
FEATURES:
* * * * Std. and A grades Low input and output leakage 1A (max.) CMOS power levels True TTL input and output compatibility: - VOH = 3.3V (typ.) - VOL = 0.3V (typ.) * Meets or exceeds JEDEC standard 18 specifications * Power off disable outputs permit "live insertion" * Available in SOIC package
IDT74FCT621T/AT
DESCRIPTION:
The IDT74FCT621T is an octal transceiver with non-inverting OpenDrain bus compatible outputs in both send and receive directions. The B bus outputs are capable of sinking 64mA providing very good capacitive drive characteristics. These octal bus transceivers are designed for asynchronous two-way communication between data buses. The control function implementation allows for maximum flexibility in timing.
FUNCTIONAL BLOCK DIAGRAM
GBA GAB
19
1
A1
2
18
B1
A2-A8
B2-B8
SEVEN OTHER TRANSCEIVERS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
JUNE 2006
DSC-2538/10
(c) 2006 Integrated Device Technology, Inc.
IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2) VTERM(3) TSTG IOUT Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
GAB A1 A2 A3 A4 A5 A6 A7 A8 GND
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
VCC GBA B1 B2 B3 B4 B5 B6 B7 B8
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Inputs and Vcc terminals only. 3. Output and I/O terminals only.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF
SOIC TOP VIEW
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names GBA, GAB A1 - A8 B1 - B8 Enable Inputs A Inputs or Open-drain Outputs B Inputs or Open-drain Outputs Description
FUNCTION TABLE(1)
Enable Inputs GBA L H H L GAB L H L H Function B data to A bus A data to B bus OFF B data to A bus A data to B bus
NOTE: 1. H = HIGH Voltage Level. L = LOW Voltage Level. OFF = HIGH if pull-up resistor is connected to Open-Drain output.
2
IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5%
Symbol VIH VIL IIH IIL II VIK IOH VOL VOL IOFF VH ICC Parameter Input HIGH Level Input LOW Level Input HIGH Current Input HIGH Current
(4)
Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max., VI = 2.7V VCC = Max., VI = 0.5V VCC = Max., VI = VCC (Max.) VCC = Min., IN= -18mA VCC = Max. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL VCC = Min. VIN = VIH or VIL VCC = 0V, VIN or VO - 4.5V -- VCC = max., VIN = GND or Vcc VOH = Vcc (Max.) IOL = 64mA (3) IOL = 48mA (3)
Min. 2 -- -- -- -- -- -- -- -- -- -- --
Typ.(2) -- -- -- -- -- -0.7 -- 0.3 0.3 -- 200 0.01
Max. -- 0.8 1 1 1 -1.2 20 0.55 0.5 1 -- 1
Unit V V A A A V A V V A mV mA
Input LOW Current(4)
(4)
Clamp Diode Voltage Output HIGH Current Output LOW Voltage (B Bus) Output LOW Voltage (A Bus) Input/Output Power Off Leakage(4) Input Hysteresis Quiescent Power Supply Current
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. These are maximum IOL values per output, for 8 outputs turned on simultaneously. Total maximum IOL (all outputs) is 512mA for commercial and 384mA for military. Derate IOL for number of outputs exceeding 8 turned on simultaneously. 4. The test limit for this parameter is 5A at TA = -55C.
3
IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) Vcc = Max. Outputs Open GBA = GAB = GND or VCC One Input Toggling 50% Duty Cycle Vcc = Max. Outputs Open GBA = GAB = GND or VCC One Bit Toggling at fi =10MHz 50% Duty Cycle Vcc = Max. Outputs Open GBA = GAB = GND or VCC Eight Bits Toggling at fi = 2.5MHz 50% Duty Cycle VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 0.15 Max. 2 0.25 Unit mA mA/MHz
IC
Total Power Supply Current(6,7)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
1.5
3.5
mA
--
1.8
4.5
--
3
6(5) 14(5)
--
5
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCP/2 + fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Input Frequency Ni = Number of Inputs at fi All currents are in milliamps and all frequencies are in megahertz. 7. This test is performed with outputs tied to GND through a pull-down resistor.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
IDT74FCT621T Symbol tPLH tPHL tPLH tPHL tPLH tPHL tPLH tPHL
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
IDT74FCT621AT Max. 13 8.5 12.5 8 14 8.5 14 8 Min.(2) 5.5 1.5 5.5 1.5 5.5 1.5 5.5 1.5 Max. 12 6.8 12 6.4 13 6.8 13 6.4
ns ns ns
Parameter Propagation Delay, A to B Propagation Delay, B to A Propagation Delay, GBA to A Propagation Delay, GAB to B
Condition(1) CL = 50pF RL = 500
Min.(2) 5.5 1.5 5.5 1.5 5.5 1.5 5.5 1.5
Unit
ns
4
IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500W VIN Pulse Generator RT D.U.T . VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
50pF CL
500W
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Octal Link
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Octal Link Octal Link
Set-Up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 1.5V 0V 3.5V 1.5V tPHZ
DISABLE 3V 1.5V 0V 3.5V 0.3V 0.3V VOL VOH 0V
Octal Link
tPLZ
Octal Link
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
5
IDT74FCT621T/AT FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT X X Temperature Range Device Type Package
SOG
Small Outline IC - Green
621T Octal Bus Transceiver (Open Drain) 621AT 74 - 40C to +85C
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
6
for Tech Support: logichelp@idt.com


▲Up To Search▲   

 
Price & Availability of IDT74FCT621ATSOG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X